Part Number Hot Search : 
M3062LFG 78P2243 1027PCP7 19410 DM0265RN FRE9160H SGW10N60 4117A
Product Description
Full Text Search
 

To Download APW7334 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - d e c . , 2 0 1 2 a p w 7 3 3 4 w w w . a n p e c . c o m . t w 1 a n p e c r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o i m p r o v e r e l i a b i l i t y o r m a n u f a c t u r a b i l i t y w i t h o u t n o t i c e , a n d a d v i s e c u s t o m e r s t o o b t a i n t h e l a t e s t v e r s i o n o f r e l e v a n t i n f o r m a t i o n t o v e r i f y b e f o r e p l a c i n g o r d e r s . 2 a 2 4 v 3 4 0 k h z s y n c h r o n o u s b u c k c o n v e r t e r f e a t u r e s g e n e r a l d e s c r i p t i o n wide input voltage from 4.5v to 24v 2a continuous output current adjustable output voltage from 0.8v to 20v intergrated high/low side mosfet pfm/pwm mode operation fixed 340khz switching frequency stable with low esr ceramic output capacitors power-on-reset detection programmable soft-start over-temperature protection current-limit protection with frequency foldback enable/shutdown function small sop-8 package lead free and green devices available (rohs compliant) a p p l i c a t i o n s lcd monitor/tv set-top box dsl, switch hub notebook computer APW7334 is a 2a synchronous buck converter with inte- grated power mosfets. the APW7334 design with a cur- rent-mode control scheme, can convert wide input volt- age of 4.5v to 24v to the output voltage adjustable from 0.8v to 20v to provide excellent output voltage regulation. the APW7334 is equipped with an automatic pfm/pwm mode operation. at light load, the ic operates in the pfm mode to reduce the switching losses. at heavy load, the ic works in pwm. the APW7334 is also equipped with power-on-reset, soft- start, soft-stop, and whole protections (under-voltage, over-temperature, and current-limit) into a single package. this device, available sop-8 , provides a very compact system solution external components and pcb area. s i m p l i f i e d a p p l i c a t i o n c i r c u i t p i n c o n f i g u r a t i o n v out apw 7334 v in bs vin lx gnd 1 2 3 4 ss en comp fb 8 7 6 5 apw 7334 sop - 8 ( top view )
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - d e c . , 2 0 1 2 a p w 7 3 3 4 w w w . a n p e c . c o m . t w 2 o r d e r i n g a n d m a r k i n g i n f o r m a t i o n n o t e : a n p e c l e a d - f r e e p r o d u c t s c o n t a i n m o l d i n g c o m p o u n d s / d i e a t t a c h m a t e r i a l s a n d 1 0 0 % m a t t e t i n p l a t e t e r m i n a t i o n f i n i s h ; w h i c h a r e f u l l y c o m p l i a n t w i t h r o h s . a n p e c l e a d - f r e e p r o d u c t s m e e t o r e x c e e d t h e l e a d - f r e e r e q u i r e m e n t s o f i p c / j e d e c j - s t d - 0 2 0 d f o r m s l c l a s s i f i c a t i o n a t l e a d - f r e e p e a k r e f l o w t e m p e r a t u r e . a n p e c d e f i n e s ? g r e e n ? t o m e a n l e a d - f r e e ( r o h s c o m p l i a n t ) a n d h a l o g e n f r e e ( b r o r c l d o e s n o t e x c e e d 9 0 0 p p m b y w e i g h t i n h o m o g e n e o u s m a t e r i a l a n d t o t a l o f b r a n d c l d o e s n o t e x c e e d 1 5 0 0 p p m b y w e i g h t ) . a b s o l u t e m a x i m u m r a t i n g s ( n o t e 1 ) symbol parameter rating unit v in vin supply voltage (vin to gnd) - 0.3 ~ 30 v v lx lx to gnd voltage - 1 ~v in +0.3 v en, fb, comp , ss to gnd voltage - 0.3 ~ 6 v v bs bs to gnd voltage v lx - 0.3 ~ v lx +6 v p d power dissipation internally limited w t j junction temperature 150 o c t stg storage temperature - 65 ~ 150 o c t sdr maximum lead soldering temperature , 10 seconds 26 0 o c note1: stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. these are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom- mended operating conditions" is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability t h e r m a l c h a r a c t e r i s t i c s symbol parameter typical value unit q ja junction - to - ambient resistance in f ree a ir (note 2) sop - 8 110 o c/w q jc junction - to - case resistance in f ree a ir sop - 8 30 o c/w note 2: q ja is measured with the component mounted on a high effective thermal conductivity test board in free air. symbol parameter range unit v in vin supply voltage 4.5 ~ 24 v v out converter output voltage 0.8~20 v i out converter output current 0~2 a r e c o m m e n d e d o p e r a t i n g c o n d i t i o n s ( n o t e 3 ) apw 73 34 handling code tem perature range package code apw 73 34 xxxxx package code k : sop - 8 temperature range i : - 40 to 85 o c handling code tr : tape & reel assembly material g : halogen and lead free device apw 73 34 k : assembly material xxxxx - date code
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - d e c . , 2 0 1 2 a p w 7 3 3 4 w w w . a n p e c . c o m . t w 3 symbol parameter range unit t a ambient temperature - 40 ~ 85 o c t j junction temperature - 40 ~ 125 o c r e c o m m e n d e d o p e r a t i n g c o n d i t i o n s ( c o n t . ) note 3 : refer to the typical application circuit. e l e c t r i c a l c h a r a c t e r i s t i c s APW7334 symbol parameter test conditions min. typ. max. unit supply current i vin vin supply current v fb =1v, v en =3v, lx=nc - 1.9 - ma i vin_sd vin shutdown supply current v en =0v - 0.3 - m a power - on - r eset (por) vin por voltage threshold v in rising 3.8 4.05 4.4 v vin por hysteresis - 0.3 - v reference voltage v ref reference voltage regulated on fb pin 0.784 0.8 0.816 v oscillator and duty cycle f osc oscillator frequency 300 340 380 khz foldback frequency v fb =0v - 110 - khz maximum convert er ? s duty v fb =0.8v - 90 - % minimum on time (note 5) - 220 - ns pfm mode operation i pk _ pfm pfm mode current limit - 0.8 - a i pk _ th pwm to pfm inductor peak threshold - 0.6 - a power mosfet high/low side mosfet on resistance - 110 - m w high / low side mosfet leakage current v en =0v, v lx =0v - - 10 m a current - mode pwm converter g ea error amplifier transconductance - 820 - m a/v error amplifier voltage gain - 400 - v/v switch current to comp voltage transconductance - 4.5 - a/v refer to the typical application circuits. these specifications apply over v in =12v, v out =3.3v, v en =3v and t a =25c.
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - d e c . , 2 0 1 2 a p w 7 3 3 4 w w w . a n p e c . c o m . t w 4 e l e c t r i c a l c h a r a c t e r i s t i c s ( c o n t . ) APW7334 symbol parameter test conditions min. typ. max. unit protecti ons i lim high side mosfet current - limit peak current - 3.75 - a t otp over - temperature trip point - 160 - c over - temperature hysteresis - 50 - c over - voltage protection - 120 - % soft - start, enable and input currents i ss soft - start current - 6 - m a en enable threshold voltage v in =4.5~24v - 1.5 - v en under - voltage lockout (uvlo) threshold v en rising 2.2 2.5 2.7 v en uvlo hysteresis - 200 - mv refer to the typical application circuits. these specifications apply over v in =12v, v out =3.3v, v en =3v and t a = 25c.
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - d e c . , 2 0 1 2 a p w 7 3 3 4 w w w . a n p e c . c o m . t w 5 p i n d e s c r i p t i o n pin sop - 8 name function 1 bs high - side gate drive boost input. bs supplies the voltage to drive the high - side n - channel mosfet. at least 10nf capacitor should be connected from lx to bs to supply the high side switch. 2 vin power input. vin supplies th e power (4. 5 v to 24 v) to the control circuitry, gate drivers and step - down converter switches. connecting a ceramic bypass capacitor and a suitably large capacitor between vin and gnd eliminates switching noise and voltage ripple on the input to the ic. 3 lx power switching output. lx is the drain of the n - channel power mosfet to supply power to the output lc filter. 4 gnd ground. 5 fb output feedback input. the apw7 334 senses the feedback voltage via fb and regulates the voltage at 0. 8 v. connecting fb w ith a resistor - divider from the converter?s output sets the output voltage from 0. 8 v to 20v . 6 comp output of the error amplifier. connect a series rc network from comp to gnd to compensate the regulation control loop. in some cases, an additional capacit or from comp to gnd is required. 7 en enable input. en is a digital input that turns the regulator on or off. en threshold is 2.5v with 0.2v hysteresis . pull up with 100k w resistor for automatic startup. 8 ss soft - start control input. ss controls the sof t - start period. connect a capacitor from ss to gnd to set the soft - start period. a 0.1 m f capacitor sets the soft - start period to 1 5 ms. to disable the soft - start feature, leave ss unconnected. b l o c k d i a g r a m lx gate control v ref fault logics error amplifier fb inhibit gnd por power-on- reset 5v uvlo current sense amplifier en comp oscillator 340khz/ 110khz slope compensation current compartor 1.5v over temperature protection current limit gate driver gate driver gm vin 2.5/2.3v 1 bs 3 4 2 5 6 7 8 ss 5v vin internal regulator 5v fb 0.6v enable 120%v ref ovp 6 m a 5v otp current sense amplifier loc loc
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - d e c . , 2 0 1 2 a p w 7 3 3 4 w w w . a n p e c . c o m . t w 6 t y p i c a l a p p l i c a t i o n c i r c u i t vin(v) v out (v) l1( m h) c2( m f) r1(k w ) r2(k w ) r3(k w ) c5(nf) 24 5 10 22(ceremic) 36 6.8 6.8 3.9 12 5 10 44 (ceremic) 36 6.8 5 1.5 12 3.3 10 22 (ceremic) 24 7.5 6.8 3.9 12 2.5 10 22 (ceremic) 12 5.6 6.8 3.9 apw 7334 vin 2 7 en comp 6 gnd 4 lx 3 fb 5 bs 1 ss 8 v in 4 . 5 v ~ 24 v v out 3 . 3 v / 2 a c 1 10 m f c 4 22 m f x 2 r 1 24 k r 2 7 . 5 k l 1 10 m h c 5 0 . 1 m f c 3 10 n f c 6 3 . 9 nf r 3 6 . 8 k r 4 100 k c 2 ( option *) * f o r c i r t i c a l c o n d i t i o n , l i k e p l u g i n , t h e l a r g e c a p a c i t a c e a n d h i g h v o l t a g e r a t i n g a r e n e e d e d t o a v o i d t h e h i g h s p i k e v o l t a g e .
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - d e c . , 2 0 1 2 a p w 7 3 3 4 w w w . a n p e c . c o m . t w 7 f u n c t i o n d e s c r i p t i o n m a i n c o n t r o l l o o p t h e a p w 7 3 3 4 i s a c o n s t a n t f r e q u e n c y c u r r e n t m o d e s w i t c h i n g r e g u l a t o r . d u r i n g n o r m a l o p e r a t i o n , t h e i n t e r - n a l n - c h a n n e l p o w e r m o s f e t i s t u r n e d o n e a c h c y c l e w h e n t h e o s c i l l a t o r s e t s a n i n t e r n a l r s l a t c h a n d w o u l d b e t u r n e d o f f w h e n a n i n t e r n a l c u r r e n t c o m p a r a t o r ( i c m p ) r e s e t s t h e l a t c h . t h e p e a k i n d u c t o r c u r r e n t a t w h i c h i c m p r e s e t s t h e r s l a t c h i s c o n t r o l l e d b y t h e v o l t a g e o n t h e c o m p p i n , w h i c h i s t h e o u t p u t o f t h e e r r o r a m p l i f i e r ( e a m p ) . a n e x t e r n a l r e s i s t i v e d i v i d e r c o n n e c t e d b e t w e e n v o u t a n d g r o u n d a l l o w s t h e e a m p t o r e c e i v e a n o u t p u t f e e d b a c k v o l t a g e v f b a t f b p i n . w h e n t h e l o a d c u r r e n t i n c r e a s e s , i t c a u s e s a s l i g h t d e c r e a s e i n v f b r e l a t i v e t o t h e 0 . 8 v r e f e r e n c e , w h i c h i n t u r n c a u s e s t h e c o m p v o l t - a g e t o i n c r e a s e u n t i l t h e a v e r a g e i n d u c t o r c u r r e n t m a t c h e s t h e n e w l o a d c u r r e n t . o v e r - t e m p e r a t u r e p r o t e c t i o n ( o t p ) t h e o v e r - t e m p e r a t u r e c i r c u i t l i m i t s t h e j u n c t i o n t e m p e r a - t u r e o f t h e a p w 7 3 3 4 w h e n t h e j u n c t i o n t e m p e r a t u r e e x - c e e d s t j = + 1 6 0 o c , a t h e r m a l s e n s o r t u r n s o f f t h e p o w e r m o s f e t , a l l o w i n g t h e d e v i c e t o c o o l d o w n . t h e t h e r m a l s e n s o r a l l o w s t h e c o n v e r t e r t o s t a r t a s t a r t - u p p r o c e s s a n d r e g u l a t e t h e o u t p u t v o l t a g e a g a i n a f t e r t h e j u n c t i o n t e m p e r a t u r e c o o l s b y 5 0 o c . t h e o t p d e s i g n e d w i t h a 5 0 o c h y s t e r e s i s l o w e r s t h e a v e r a g e t j d u r i n g c o n t i n u o u s t h e r m a l o v e r l o a d c o n d i t i o n s , i n c r e a s i n g l i f e t i m e o f t h e i c . vin power-on-reset (por) and en under-voltage lockout the APW7334 keep monitoring the voltage on vin pin to prevent wrong logic operations which may occur when vin voltage is not high enough for the internal control circuitry to operate. the vin por has a rising threshold of 4.05v (typical) with 0.3v of hysteresis. an external under-voltage lockout (uvlo) is sensed at the en pin. the en uvlo has a rising threshold of 2.5v with 0.2v of hysteresis. the en pin should be connected a resistor divider from vin to en . after the vin and en voltages exceed their respective voltage thresholds, the ic starts a start-up process and then ramps up the output voltage to the setting of output voltage. e n a b l e / s h u t d o w n d r i v i n g e n t o g r o u n d p l a c e s t h e a p w 7 3 3 4 i n s h u t d o w n . w h e n i n s h u t d o w n , t h e i n t e r n a l n - c h a n n e l p o w e r m o s f e t t u r n s o f f , a l l i n t e r n a l c i r c u i t r y s h u t s d o w n a n d t h e q u i e s - c e n t s u p p l y c u r r e n t r e d u c e s t o 0 . 3 m a . c u r r e n t - l i m i t p r o t e c t i o n t h e a p w 7 3 3 4 m o n i t o r s t h e o u t p u t c u r r e n t , f l o w i n g t h r o u g h t h e n - c h a n n e l p o w e r m o s f e t , a n d l i m i t s t h e i c f r o m d a m a g e s d u r i n g o v e r l o a d , s h o r t - c i r c u i t a n d o v e r - v o l t a g e c o n d i t i o n s . f r e q u e n c y f o l d b a c k t h e f o l d b a c k f r e q u e n c y i s c o n t r o l l e d b y t h e f b v o l t a g e . w h e n t h e f b p i n v o l t a g e i s u n d e r 0 . 6 v , t h e f r e q u e n c y o f t h e o s c i l l a t o r w i l l b e r e d u c e d t o 1 1 0 k h z . t h i s l o w e r f r e - q u e n c y a l l o w s t h e i n d u c t o r c u r r e n t t o s a f e l y d i s c h a r g e , t h e r e b y p r e v e n t i n g c u r r e n t r u n a w a y . t h e o s c i l l a t o r ? s f r e - q u e n c y w i l l s w i t c h t o i t s d e s i g n e d r a t e w h e n t h e f e e d b a c k v o l t a g e o n f b r i s e s a b o v e t h e r i s i n g f r e q u e n c y f o l d b a c k t h r e s h o l d ( 0 . 6 v , t y p i c a l ) a g a i n . o v e r - v o l t a g e p r o t e c t i o n t h e o v e r - v o l t a g e f u n c t i o n m o n i t o r s t h e o u t p u t v o l t a g e b y f b p i n . w h e n t h e f b v o l t a g e i n c r e a s e o v e r 1 2 0 % o f t h e r e f e r e n c e v o l t a g e , t h e o v e r - v o l t a g e p r o t e c t i o n c o m p a r a - t o r w i l l f o r c e t h e l o w - s i d e m o s f e t g a t e d r i v e r h i g h . t h i s a c t i o n a c t i v e l y p u l l s d o w n t h e o u t p u t v o l t a g e . a s s o o n a s t h e o u t p u t v o l t a g e i s w i t h i n r e g u l a t i o n , t h e o v p c o m p a r a - t o r i s d i s e n g a g e d . t h e c h i p w i l l r e s t o r e i t s n o r m a l o p e r a t i o n .
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - d e c . , 2 0 1 2 a p w 7 3 3 4 w w w . a n p e c . c o m . t w 8 a p p l i c a t i o n i n f o r m a t i o n s e t t i n g o u t p u t v o l t a g e i n d u c t o r c a p a c i t o r s e l e c t i o n w h e r e d i s t h e d u t y c y c l e o f t h e p o w e r m o s f e t . f o r a t h r o u g h h o l e d e s i g n , s e v e r a l e l e c t r o l y t i c c a p a c i t o r s m a y b e n e e d e d . f o r s u r f a c e m o u n t d e s i g n s , s o l i d t a n t a - l u m c a p a c i t o r s c a n b e u s e d , b u t c a u t i o n m u s t b e e x e r - c i s e d w i t h r e g a r d t o t h e c a p a c i t o r s u r g e c u r r e n t r a t i n g . ) a ( ) d 1 ( d i i out rms - = ) v ( esr i v out d = d out osc cout c f 8 i v d = d t h e r e g u l a t e d o u t p u t v o l t a g e i s d e t e r m i n e d b y : use small ceramic capacitors for high frequency decoupling and bulk capacitors to supply the surge cur- rent needed each time the n-channel power mosfet (q1) turns on. place the small ceramic capacitors physi- cally close to the vin and between the vin and gnd. the important parameters for the bulk input capacitor are the voltage rating and the rms current rating. for reliable operation, select the bulk capacitor with voltage and current ratings above the maximum input voltage and largest rms current required by the circuit. the capacitor voltage rating should be at least 1.25 times greater than the maximum input voltage and a voltage rating of 1.5 times is a conservative guideline. the rms current (irms) of the bulk input capacitor is calculated as the following equation: a n o u t p u t c a p a c i t o r i s r e q u i r e d t o f i l t e r t h e o u t p u t a n d s u p - p l y t h e l o a d t r a n s i e n t c u r r e n t . t h e f i l t e r i n g r e q u i r e m e n t s a r e t h e f u n c t i o n o f t h e s w i t c h i n g f r e q u e n c y a n d t h e r i p p l e c u r r e n t ( d i ) . t h e o u t p u t r i p p l e i s t h e s u m o f t h e v o l t a g e s , h a v i n g p h a s e s h i f t , a c r o s s t h e e s r a n d t h e i d e a l o u t p u t c a p a c i t o r . t h e p e a k - t o - p e a k v o l t a g e o f t h e e s r i s c a l c u - a t e d a s t h e f o l l o w i n g e q u a t i o n s : ) v ( ) r r 1 ( 8 . 0 vout 2 1 + = t o p r e v e n t s t r a y p i c k u p , p l e a s e l o c a t e r e s i s t o r s r 1 a n d r 2 c l o s e t o a p w 7 3 3 4 . esr i v l f ) d 1 ( v i v v d esr osc out in out d = - = d = t h e p e a k - t o - p e a k v o l t a g e o f t h e i d e a l o u t p u t c a p a c i t o r i s c a l c u l a t e d a s t h e f o l l o w i n g e q u a t i o n s : f o r t h e a p p l i c a t i o n s u s i n g b u l k c a p a c i t o r s , t h e d v c o u t i s m u c h s m a l l e r t h a n t h e v e s r a n d c a n b e i g n o r e d . t h e r e f o r e , t h e a c p e a k - t o - p e a k o u t p u t v o l t a g e ( d v o u t ) i s s h o w n b e l o w : o u t p u t c a p a c i t o r s e l e c t i o n f o r t h e a p p l i c a t i o n s u s i n g b u l k c a p a c i t o r s , t h e v e s r i s m u c h s m a l l e r t h a n t h e d v c o u t a n d c a n b e i g n o r e d . t h e r e f o r e , t h e a c p e a k - t o - p e a k o u t p u t v o l t a g e ( d v o u t ) i s t o d v c o u t . f i g u r e 1 . c o n v e r t e r w a v e f o r m s i out v lx t=1/f osc i l i q1 i cout i out i i dt v out v out . . . . . . . . . . . ( 1 ) . . . . . . . . . . . ( 2 ) . . . . . . . . . . . ( 3 ) . . . . . . . . . . . ( 4 ) . . . . . . . . . . . ( 5 ) v in v out c in c out l q1 lx esr i l i out i q1 i cout vin q2
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - d e c . , 2 0 1 2 a p w 7 3 3 4 w w w . a n p e c . c o m . t w 9 a p p l i c a t i o n i n f o r m a t i o n ( c o n t . ) o u t p u t c a p a c i t o r s e l e c t i o n ( c o n t . ) t h e l o a d t r a n s i e n t r e q u i r e m e n t s a r e t h e f u n c t i o n o f t h e s l e w r a t e ( d i / d t ) a n d t h e m a g n i t u d e o f t h e t r a n s i e n t l o a d u r r e n t . t h e s e r e q u i r e m e n t s a r e g e n e r a l l y m e t w i t h a m i x o f c a p a c i t o r s a n d c a r e f u l l a y o u t . h i g h f r e q u e n c y c a - p a c i t o r s i n i t i a l l y s u p p l y t h e t r a n s i e n t a n d s l o w t h e c u r r e n t l o a d r a t e s e e n b y t h e b u l k c a p a c i t o r s . t h e b u l k f i l t e r c a - p a c i t o r v a l u e s a r e g e n e r a l l y d e t e r m i n e d b y t h e e s r ( e f f e c t i v e s e r i e s r e s i s t a n c e ) a n d v o l t a g e r a t i n g r e q u i r e - m e n t s r a t h e r t h a n a c t u a l c a p a c i t a n c e r e q u i r e m e n t s . h i g h f r e q u e n c y d e c o u p l i n g c a p a c i t o r s s h o u l d b e p l a c e d a s c l o s e t o t h e p o w e r p i n s o f t h e l o a d a s p h y s i c a l l y p o s s i b l e . b e c a r e f u l n o t t o a d d i n d u c t a n c e i n t h e c i r c u i t b o a r d w i r i n g t h a t c o u l d c a n c e l t h e u s e f u l n e s s o f t h e s e l o w i n d u c t a n c e c o m p o n e n t s . a n a l u m i n u m e l e c t r o l y t i c c a p a c i t o r ? s e s r v a l u e i s r e l a t e d t o t h e c a s e s i z e w i t h l o w e r e s r a v a i l a b l e i n l a r g e r c a s e s i z e s . h o w e v e r , t h e e q u i v a - l e n t s e r i e s i n d u c t a n c e ( e s l ) o f t h e s e c a p a c i t o r s i n c r e a s e s w i t h c a s e s i z e a n d c a n r e d u c e t h e u s e f u l n e s s o f t h e c a - p a c i t o r t o h i g h s l e w - r a t e t r a n s i e n t l o a d i n g . table1 capacitor selection guide vender model capacitance ( m f) tc voltage rating(v) si2e murata grm31cr61e106k 10 x5r 25 1206 murata grm31cr61c226k 22 x5r 16 1206 t h e o p e r a t i n g f r e q u e n c y a n d i n d u c t o r s e l e c t i o n a r e i n t e r - r e l a t e d i n t h a t h i g h e r o p e r a t i n g f r e q u e n c i e s p e r m i t t h e u s e o f a s m a l l e r i n d u c t o r f o r t h e s a m e a m o u n t o f i n d u c t o r r i p p l e c u r r e n t . h o w e v e r , t h i s i s a t t h e e x p e n s e o f e f f i c i e n c y d u e t o a n i n c r e a s e i n m o s f e t g a t e c h a r g e l o s s e s . t h e e q u a t i o n ( 2 ) s h o w s t h a t t h e i n d u c t a n c e v a l u e h a s a d i r e c t e f f e c t o n r i p p l e c u r r e n t . a c c e p t i n g l a r g e r v a l u e s o f r i p p l e c u r r e n t a l l o w s t h e u s e o f l o w i n d u c t a n c e s , b u t r e s u l t s i n h i g h e r o u t p u t v o l t a g e r i p p l e a n d g r e a t e r c o r e l o s s e s . a r e a s o n a b l e s t a r t i n g p o i n t f o r s e t t i n g r i p p l e c u r r e n t i s d i < 0 . 4 x i o u t ( m a x ) . p l e a s e b e n o - t i c e d t h a t t h e m a x i m u m r i p p l e c u r r e n t o c c u r s a t t h e m a x i - m u m i n p u t v o l t a g e . t h e m i n i m u m i n d u c t a n c e o f t h e i n - u c t o r i s c a l c u l a t e d b y u s i n g t h e f o l l o w i n g e q u a t i o n : i n d u c t o r v a l u e c a l c u l a t i o n w h e r e . . . . . . . . . . . ( 6 ) in(max) in v v = 1.2 v l 340000 ) v - (v v in out in out (h) v 408000 ) v - (v v l in out in out 3 i n p u t c a p a c i t o r s e l e c t i o n a l o w e s r c a p a c i t o r i s r e q u i r e d t o k e e p t h e n o i s e m i n i m u m . c e r a m i c c a p a c i t o r s a r e b e t t e r , b u t t a n t a l u m o r l o w e s r e l e c t r o l y t i c c a p a c i t o r s m a y a l s o s u f f i c e . w h e n u s i n g t a n t a l u m o r e l e c t r o l y t i c c a p a c i t o r s , a 0 . 1 m f c e r a m i c c a p a c i t o r s h o u l d b e p l a c e d a s c l o s e t o t h e i c a s p o s s i b l e . i t i s r e c o m m e n d e d t h a t t h e i n p u t e c c a p a c i t o r s h o u l d b e a d d e d f o r a p p l i c a t i o n s i f t h e a p w 7 3 3 4 w i l l s u f f e r h i g h s p i k e i n p u t v o l t a g e ( e x . h o t p l u g t e s t ) . i t c a n e l i m i n a t e t h e s p i k e v o l t a g e a n d i n d u c e d t h e i c d a m a g e f r o m h i g h i n p u t v o l t a g e s t r e s s . c in 1 330 m f / 25 v / ec x 1 c in 2 22 m f / 25 v / mlcc x 1 vin apw 7334 table2 inductor selection guide vender part number inductance ( m h) dcr (m w ) current rating(a) cyntec pcmb063t - 100ms 10 62 4 chilisin mhcc10040 - 100m 10 30 6.5 gausstek pl94p051m - 10u 10 38 3.8
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - d e c . , 2 0 1 2 a p w 7 3 3 4 w w w . a n p e c . c o m . t w 1 0 a p p l i c a t i o n i n f o r m a t i o n ( c o n t . ) t h e r m a l c o n s i d e r a t i o n l a y o u t c o n s i d e r a t i o n i n h i g h p o w e r s w i t c h i n g r e g u l a t o r , a c o r r e c t l a y o u t i s i m p o r t a n t t o e n s u r e p r o p e r o p e r a t i o n o f t h e r e g u l a t o r . i n g e n e r a l , i n t e r c o n n e c t i n g i m p e d a n c e s h o u l d b e m i n i m i z e d b y u s i n g s h o r t , w i d e p r i n t e d c i r c u i t t r a c e s . s i g n a l a n d p o w e r g r o u n d s a r e t o b e k e p t s e p a r a t i n g a n d f i n a l l y c o m b i n e d u s i n g t h e g r o u n d p l a n e c o n s t r u c t i o n o r s i n g l e p o i n t g r o u n d i n g . f i g u r e 3 i l l u s t r a t e s t h e l a y o u t , w i t h b o l d l i n e s i n d i c a t i n g h i g h c u r r e n t p a t h s . c o m p o n e n t s a l o n g t h e b o l d l i n e s s h o u l d b e p l a c e d c l o s e t o g e t h e r . b e l o w i s a c h e c k l i s t f o r y o u r l a y o u t : 1 . b e g i n t h e l a y o u t b y p l a c i n g t h e p o w e r c o m p o n e n t s f i r s t . o r i e n t t h e p o w e r c i r c u i t r y t o a c h i e v e a c l e a n p o w e r f l o w p a t h . i f p o s s i b l e , m a k e a l l t h e c o n n e c t i o n s o n o n e s i d e o f t h e p c b w i t h w i d e , c o p p e r f i l l e d a r e a s . 2 . i n f i g u r e 3 , t h e l o o p s w i t h s a m e c o l o r b o l d l i n e s c o n - d u c t h i g h s l e w r a t e c u r r e n t . t h e s e i n t e r c o n n e c t i n g i m - p e d a n c e s s h o u l d b e m i n i m i z e d b y u s i n g w i d e a n d s h o r t p r i n t e d c i r c u i t t r a c e s . 3 . k e e p t h e s e n s i t i v e s m a l l s i g n a l n o d e s ( f b , c o m p ) a w a y f r o m s w i t c h i n g n o d e s ( l x o r o t h e r s ) o n t h e p c b a n d i t s h o u l d b e p l a c e d n e a r t h e i c a s c l o s e a s p o s s i b l e . t h e r e f o r e , p l a c e t h e f e e d b a c k d i v i d e r a n d t h e f e e d b a c k c o m p e n s a t i o n n e t w o r k c l o s e t o t h e i c t o a v o i d s w i t c h i n g n o i s e . c o n n e c t t h e g r o u n d o f f e e d b a c k d i v i d e r d i r e c t l y t o t h e g n d p i n o f t h e i c u s i n g a d e d i c a t e d g r o u n d t r a c e . the APW7334 maximum power dissipation depends on the thermal resistance and temperature difference be- tween the die junction and ambient air. the power dissi- pation p d across the device is: p d = (t j - t a ) / q ja where (t j -t a ) is the temperature difference between the junction and ambient air. q ja is the thermal resistance between junction and ambient air. for normal operation, do not exceed the maximum junc- tion temperature rating of t j = 125 o c. the calculated power dissipation should less than: p d = (125-25)/110=0.90(w)-----(sop-8) 4 . p l a c e t h e d e c o u p l i n g c e r a m i c c a p a c i t o r c 1 n e a r t h e v i n a s c l o s e a s p o s s i b l e . u s e a w i d e p o w e r g r o u n d p l a n e t o c o n n e c t t h e c 1 , c 2 , a n d s c h o t t k y d i o d e t o p r o v i d e a l o w i m p e d a n c e p a t h b e t w e e n t h e c o m p o n e n t s f o r l a r g e a n d h i g h s l e w r a t e c u r r e n t . f i g u r e 2 . c u r r e n t p a t h d i a g r a m f i g u r e 3 . r e c o m m e n d e d l a y o u t d i a g r a m lx en vin gnd comp u 1 apw 7334 fb l 1 c 2 load v out bs r 1 r 2 feedback divider c 5 r 3 compensation network v in c 3 c 1 + + - - 3 2 1 sop - 8 apw 7334 5 6 7 8 4 l 1 c 2 c 1 v lx v in v out ground input capacitor c 1 should be near the ic as close as possible sensitive node ( fb , comp ) should be away from switching node ( lx ) and it should be placed near the ic with short trace power path should be short and wide numerous vias connected from the thermal pad to the solderside ground plane ( s ) should be used to enhance heat dissipation sop - 8 0 0 . 5 1 1 . 5 2 2 . 5 0 25 50 75 100 125 ambient temperature , t a ( o c ) m a x i m u m p o w e r d i s s i p a t i o n , p d ( w )
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - d e c . , 2 0 1 2 a p w 7 3 3 4 w w w . a n p e c . c o m . t w 1 1 p a c k a g e i n f o r m a t i o n s o p - 8 l view a 0 . 2 5 seating plane gauge plane note: 1. follow jedec ms-012 aa. 2. dimension ? d ? does not include mold flash, protrusions or gate burrs. mold flash, protrusion or gate burrs shall not exceed 6 mil per side. 3. dimension ? e ? does not include inter-lead flash or protrusions. inter-lead flash and protrusions shall not exceed 10 mil per side. s y m b o l min. max. 1.75 0.10 0.17 0.25 0.25 a a1 c d e e1 e h l millimeters b 0.31 0.51 sop-8 0.25 0.50 0.40 1.27 min. max. inches 0.069 0.004 0.012 0.020 0.007 0.010 0.010 0.020 0.016 0.050 0 0.010 1.27 bsc 0.050 bsc a2 1.25 0.049 0 8 0 8 3.80 5.80 4.80 4.00 6.20 5.00 0.189 0.197 0.228 0.244 0.150 0.157 d e e e 1 see view a c b h x 4 5 a 2 a aaa c nx aaa 0.10 0.004
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - d e c . , 2 0 1 2 a p w 7 3 3 4 w w w . a n p e c . c o m . t w 1 2 application a h t1 c d d w e1 f 330.0 ? 2.00 50 min. 12.4+2.00 - 0.00 13.0+0.50 - 0.20 1.5 min. 20.2 min. 12.0 ? 0.30 1.75 ? 0.10 5.5 ? 0.05 p 0 p1 p 2 d 0 d1 t a 0 b 0 k 0 sop - 8 4.0 ? 0.10 8.0 ? 0.10 2.0 ? 0.05 1.5+0.10 - 0.00 1.5 min. 0.6+0.00 - 0.40 6.40 ? 0.20 5.20 ? 0.20 2.10 ? 0.20 (mm) d e v i c e s p e r u n i t c a r r i e r t a p e & r e e l d i m e n s i o n s package type unit quantity sop - 8 tape & reel 2500 a e 1 a b w f t p0 od0 b a0 p2 k0 b 0 section b-b section a-a od1 p1 h t1 a d
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - d e c . , 2 0 1 2 a p w 7 3 3 4 w w w . a n p e c . c o m . t w 1 3 t a p i n g d i r e c t i o n i n f o r m a t i o n s o p - 8 user direction of feed c l a s s i f i c a t i o n p r o f i l e
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - d e c . , 2 0 1 2 a p w 7 3 3 4 w w w . a n p e c . c o m . t w 1 4 c l a s s i f i c a t i o n r e f l o w p r o f i l e s profile feature sn - pb eutectic assembly pb - free assembly preheat & soak temperature min (t smin ) temperature max (t smax ) time (t smin to t smax ) ( t s ) 100 c 150 c 60 - 120 seconds 150 c 200 c 60 - 1 2 0 seconds average ramp - up rate (t smax to t p ) 3 c/second ma x. 3 c/second max. liquidous temperature ( t l ) time at l iquidous (t l ) 183 c 60 - 150 seconds 217 c 60 - 150 seconds peak package body temperature (t p ) * see classification temp in table 1 see classification temp in table 2 time (t p ) ** within 5 c of the spec ified c lassification t emperature ( t c ) 2 0 ** seconds 3 0 ** seconds average r amp - down rate (t p to t smax ) 6 c/second max. 6 c/second max. time 25 c to p eak t emperature 6 minutes max. 8 minutes max. * tolerance for peak profile temperature (t p ) is defined a s a supplier minimum and a user maximum. ** tolerance for time at peak profile temperature (t p ) is defined as a supplier minimum and a user maximum. table 2. pb - free process ? classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 350 - 2000 volume mm 3 >2000 <1.6 mm 260 c 260 c 260 c 1.6 mm ? 2.5 mm 260 c 250 c 245 c 3 2.5 mm 250 c 245 c 245 c table 1. snpb eutectic process ? classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 3 350 <2.5 mm 235 c 22 0 c 3 2.5 mm 220 c 220 c test item method description solderability jesd - 22, b102 5 sec, 245 c holt jesd - 22, a108 1000 hrs, bias @ tj=125 c pct jesd - 22, a102 168 hrs, 100 % rh, 2atm , 121 c tct jesd - 22, a104 500 cycles, - 65 c~150 c hbm mil - std - 883 - 3015.7 vhbm ? 2kv mm jesd - 22, a1 15 vmm ? 200v latch - up jesd 78 10ms, 1 tr ? 100ma r e l i a b i l i t y t e s t p r o g r a m
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - d e c . , 2 0 1 2 a p w 7 3 3 4 w w w . a n p e c . c o m . t w 1 5 c u s t o m e r s e r v i c e a n p e c e l e c t r o n i c s c o r p . head office : no.6, dusing 1st road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 t a i p e i b r a n c h : 2 f , n o . 1 1 , l a n e 2 1 8 , s e c 2 j h o n g s i n g r d . , s i n d i a n c i t y , t a i p e i c o u n t y 2 3 1 4 6 , t a i w a n t e l : 8 8 6 - 2 - 2 9 1 0 - 3 8 3 8 f a x : 8 8 6 - 2 - 2 9 1 7 - 3 8 3 8


▲Up To Search▲   

 
Price & Availability of APW7334

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X